Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5307S Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # PR5307S
Description  Single Color ?5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR5307S Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button PR5307S Datasheet HTML 25Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 26Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 27Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 28Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 29Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 30Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 31Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 32Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Special Notice to Customers Using the Products and
Technical Information Shown in This Data Sheet
1) The technical information shown in the data sheets are limited to the typical characteristics and circuit
examples of the referenced products. It does not constitute the warranting of industrial property nor the
granting of any license.
2) For the purpose of product improvement, the specifications, characteristics and technical data described in
the data sheets are subject to change without prior notice. Therefore it is recommended that the most
updated specifications be used in your design.
3) When using the products described in the data sheets, please adhere to the maximum ratings for operating
voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any
damage which may occur if these specifications are exceeded.
4) The products described in the data sheets are made to be used in standard electronic applications such as
office automation appliances, communication devices, audio visual, home appliances, and measuring
instruments.
5) If the products in the data sheets are to be used for purposes other than the above which requires high level
reliability and safety where failure and or malfunction of the product may cause death or other serious effects
on the human body such as airplane, space activity, transportation, medical, nuclear), please contact our sales
personnel.
6) In order to export the products or technologies described in this data sheet which are under the “Foreign
Exchange and Foreign Trade Control Law,” it is necessary to first obtain an export permit from the Japanese
government.
7) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley
Electric Co., Ltd.
8) The most updated edition of this data sheet can be obtained from the address below:
http://www.stanley-components.com
2004.10.29
5307S Series
Page 33
Single Color φ5 Flush Mount Round Shape Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com