Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3383GS
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3383GS Datasheet HTML 1Page - Monolithic Power Systems MP3383GS Datasheet HTML 2Page - Monolithic Power Systems MP3383GS Datasheet HTML 3Page - Monolithic Power Systems MP3383GS Datasheet HTML 4Page - Monolithic Power Systems MP3383GS Datasheet HTML 5Page - Monolithic Power Systems MP3383GS Datasheet HTML 6Page - Monolithic Power Systems MP3383GS Datasheet HTML 7Page - Monolithic Power Systems MP3383GS Datasheet HTML 8Page - Monolithic Power Systems MP3383GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
3
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP3383GS*
SOIC-16
See Below
2
MP3383GF**
TSSOP-16EP
See Below
2a
* For Tape & Reel, add suffix -Z (e.g. MP3383GS-Z). Contact the factory for sample and production.
** For Tape & Reel, add suffix -Z (e.g. MP3383GF-Z).
TOP MARKING (MP3383GS)
MPS: MPS prefix
YY: Year code
WW: Week code
MP3383: Part number
LLLLLLLLL: Lot number
TOP MARKING (MP3383GF)
MPS: MPS prefix
YY: Year code
WW: Week code
MP3383: Part number
LLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
EN
LED1
OSC
LED2
OVP
14
13
12
11
Exposed Pad
Connect to GND
ISENSE
16
15
7
8
COMP
ADIM
LED3
10
9
3
4
5
6
1
2
VCC
VIN
PWM
GND
LED4
ISET
14
13
12
11
16
15
7
8
10
9
3
4
5
6
1
2
ADIM
VIN
COMP
LED3
EN
LED4
ISET
VCC
OVP
OSC
GATE
ISENSE
TSSOP-16EP
SOIC-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com