Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3383GS
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3383GS Datasheet HTML 2Page - Monolithic Power Systems MP3383GS Datasheet HTML 3Page - Monolithic Power Systems MP3383GS Datasheet HTML 4Page - Monolithic Power Systems MP3383GS Datasheet HTML 5Page - Monolithic Power Systems MP3383GS Datasheet HTML 6Page - Monolithic Power Systems MP3383GS Datasheet HTML 7Page - Monolithic Power Systems MP3383GS Datasheet HTML 8Page - Monolithic Power Systems MP3383GS Datasheet HTML 9Page - Monolithic Power Systems MP3383GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
6
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 15V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Unit
General
Operating input voltage
VIN
6
33
V
Quiescent supply current
IQ
VIN = 15V, no switching
3
4
mA
Shutdown supply current
IST
VEN = 0V, VIN = 15V
1
μA
Low-dropout (LDO) output
voltage
VCC
13V < VIN, 0 < ICC < 10mA
10.5
12
13.5
V
VCC under-voltage lockout
(UVLO) threshold
VCC_UVLO
Rising edge
4.5
5
5.5
V
VCC UVLO hysteresis
threshold
500
mV
Enable (EN) high threshold
VEN_HIGH
VEN rising
1.2
V
EN low threshold
VEN_LOW
VEN falling
0.4
V
Step-Up Converter
Gate driver sourcing
impedance
VCC = 12V,VGATE = 12V
4
Ω
Gate driver sinking
impedance
VCC = 12V, IGATE = 10mA
3.4
Ω
Switching frequency
fSW
ROSC = 100k
Ω
450
500
550
kHz
OSC pin voltage
VOSC
ROSC = 100k
Ω, fSW = 500kHz
0.75
0.8
0.85
V
Maximum duty cycle
DMAX
ROSC = 100k
Ω, fSW = 500kHz
89
%
Cycle-by-cycle ISENSE
current limit
Duty = 89%
160
200
mV
Latch-off ISENSE current limit
500
mV
COMP source current limit
ICOMP_SOLI
1V < COMP < 2.7V
75
μA
COMP sink current limit
ICOMP_SILI
1V < COMP < 2.7V
15
μA
COMP transconductance
GCOMP
ΔICOMP = ±10µA
400
μA/V
Current Dimming
PWM input low threshold
VPWM_LO
VPWM falling
0.4
V
PWM input high threshold
VPWM_HI
VPWM rising
1.2
V
ADIM input low threshold
VADIM_LO
VADIM falling
0.4
V
ADIM input high threshold
VADIM_HI
VADIM rising
1.2
V
Current Regulation
ISET pin voltage
VISET
1.17
1.2
1.23
V
LEDx average current
ILED
RISET = 13.33
kΩ, analog and
PWM dimming duty cycle = 100%
87
90
93
mA
RISET = 12
kΩ, PWM dimming duty
cycle = 100%, analog dimming
duty cycle = 5%
5
6
7
mA
Current matching (6)
RISET = 13.33
kΩ, analog and
PWM dimming duty cycle =
100%, ILED = 90mA
1.8
%
RISET = 12
kΩ, PWM dimming duty
cycle = 100%, analog dimming
duty cycle = 5%, ILED = 5mA
5.5
%
LEDx regulation voltage
ILED = 100mA
250
mV
ILED = 300mA
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com