Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3383GS
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3383GS Datasheet HTML 10Page - Monolithic Power Systems MP3383GS Datasheet HTML 11Page - Monolithic Power Systems MP3383GS Datasheet HTML 12Page - Monolithic Power Systems MP3383GS Datasheet HTML 13Page - Monolithic Power Systems MP3383GS Datasheet HTML 14Page - Monolithic Power Systems MP3383GS Datasheet HTML 15Page - Monolithic Power Systems MP3383GS Datasheet HTML 16Page - Monolithic Power Systems MP3383GS Datasheet HTML 17Page - Monolithic Power Systems MP3383GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
14
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The
MP3383
is
a
configurable
constant-
frequency, peak current control mode, step-up
converter with 4-channel regulated current
sources to drive an array of up to four white LED
strings.
Internal 12V Regulator
The MP3383 includes an internal linear regulator
(VCC). When the input voltage (VIN) exceeds
13V, VCC outputs a 12V power supply to the
external MOSFET gate driver and the internal
control circuitry. The VCC voltage (VCC) drops to
0V when the chip shuts down. The MP3383
features under-voltage lockout (UVLO). The chip
is
disabled until
VCC exceeds the UVLO
threshold.
The
UVLO
hysteresis
is
approximately 500mV.
System Start-Up
When enabled, the MP3383 checks the topology
connection first by monitoring the over-voltage
protection (OVP) pin. This determines whether a
Schottky diode is connected or the boost output
is shorted to GND. An OVP voltage (VOVP)
exceeding 50mV allows the chip to switch
normally. Otherwise, switching is disabled. The
MP3383 also checks other safety limits after
passing the OVP test, including UVLO, over-
temperature protection (OTP), and over-current
protection (OCP). If all protection tests pass, the
chip then begins boosting the step-up converter
with an internal soft start (SS).
To prevent a large inrush current, the enable
(EN) signal should occur after the establishment
of VIN and the pulse-width modulation (PWM)
dimming signal during the start-up sequence.
Step-Up Converter
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET.
During normal operation, the minimum turn-on
time of the external MOSFET is around 150ns.
Adding a stabilizing ramp to the current-sense
amplifier
’s
output
prevents
subharmonic
oscillations for duty cycles greater than 50%,
which is then fed into the PWM comparator.
When the summed voltage reaches the error
amplifier
(EA)’s output voltage (VCOMP), the
external MOSFET turns off.
VCOMP is an amplified signal of the difference
between the reference voltage (VREF) and the
feedback
voltage
(VFB).
The
converter
automatically chooses the lowest active LEDx
pin voltage (VLEDx) to provide a sufficient bus
voltage to power all LED strings.
If VFB drops below VREF, the EA’s output voltage
(VCOMP) increases. This results in more current
flowing through the MOSFET, increasing the
power delivered to the output and forming a
closed loop that regulates the output voltage
(VOUT).
Under light-load operation, especially if VOUT ≈
VIN, the converter runs in pulse-skipping mode.
In this mode, the MOSFET turns on for a
minimum on time and then the converter
discharges the power to the load for the
remaining
period.
The
external
MOSFET
remains off until VOUT must be boosted again.
Dimming Control
The MP3383 provides two dimming methods:
PWM dimming and analog dimming.
For PWM dimming, apply a PWM signal to the
PWM pin. The LED current (ILED) is chopped by
this PWM signal, and the average ILED is equal to
ISET x DDIM, where DDIM is the PWM dimming
signal’s duty cycle, and ISET is the full-scale ILED
set by the ISET resistance (RISET).
For analog dimming, apply a PWM signal to the
ADIM pin. An internal RC filter (10M
Ω resistor
and 100pF capacitor) is integrated to ADIM. This
PWM signal is filtered to the DC voltage by the
internal RC filter. The ILED amplitude is equal to
ISET x DDIM, where DDIM is the PWM dimming
signal’s duty cycle, and ISET is the full-scale ILED
set by RISET. A 20kHz or greater PWM signal is
recommended for improved filtering.
Operating Switching Frequency (fSW)
The MP3383
’s switching frequency (fSW) is set
through an external resistor on the OSC pin. This
helps optimize both the size of the external
components and system efficiency
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com