Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3383GS
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3383GS Datasheet HTML 9Page - Monolithic Power Systems MP3383GS Datasheet HTML 10Page - Monolithic Power Systems MP3383GS Datasheet HTML 11Page - Monolithic Power Systems MP3383GS Datasheet HTML 12Page - Monolithic Power Systems MP3383GS Datasheet HTML 13Page - Monolithic Power Systems MP3383GS Datasheet HTML 14Page - Monolithic Power Systems MP3383GS Datasheet HTML 15Page - Monolithic Power Systems MP3383GS Datasheet HTML 16Page - Monolithic Power Systems MP3383GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
13
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Control
Logic
+
-
Current-Sense
Amplifier
+
-
PWM
Comparator
Oscillator
+
-
+
-
LED1
VREF
Max
Min
Feedback
Control
LED_SHORT
EA
Short-String
Protection
Regulator
LED4
OVP
ISENSE
VIN
VCC
PWM
ISET
COMP
OSC
EN
Enable
Control
VREF
GATE
Current Control
LEB
ILIMIT
UP_CLAMP
PWM
Stop
GND
Over-Voltage
Protection
Protection
OTP
LED_SHORT
LED_OPEN
ILIMIT
ADIM
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com