Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3383GS
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3383GS Datasheet HTML 1Page - Monolithic Power Systems MP3383GS Datasheet HTML 2Page - Monolithic Power Systems MP3383GS Datasheet HTML 3Page - Monolithic Power Systems MP3383GS Datasheet HTML 4Page - Monolithic Power Systems MP3383GS Datasheet HTML 5Page - Monolithic Power Systems MP3383GS Datasheet HTML 6Page - Monolithic Power Systems MP3383GS Datasheet HTML 7Page - Monolithic Power Systems MP3383GS Datasheet HTML 8Page - Monolithic Power Systems MP3383GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP3383
4-String, Max 400mA/String, Max 80V VOUT,
Step-Up WLED Controller
MP3383 Rev. 1.0
MonolithicPower.com
1
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The MP3383 is a step-up controller with four
LED current channels, designed to drive WLED
arrays
for
large
LCD
panel
backlighting
applications. The MP3383 can expand the
number of LED channels with two or more ICs in
parallel sharing a single power source.
The MP3383 employs peak current control mode
with a fixed switching frequency (fSW) that is
configurable via an external setting resistor. The
MP3383 drives an external MOSFET to boost up
the output voltage (VOUT) from a 6V to 33V input
voltage (VIN) supply. It also regulates the current
in each LED string to the value set by an external
current-setting resistor.
The MP3383 applies four internal current
sources for current balancing. The current
matching achieves 1.8% regulation accuracy
among strings. The low regulation voltage on the
LED current sources reduces power loss.
The
MP3383
supports
direct
pulse-width
modulation (PWM) dimming as well as analog
dimming using a PWM input. Full protection
features include over-current protection (OCP),
over-temperature
protection
(OTP),
under-
voltage
protection
(UVP),
over-voltage
protection (OVP), LED short and open protection,
and inductor and diode short protection.
The MP3383 is available in SOIC-16 and
TSSOP-16EP packages.
FEATURES
• 4-String, Max 400mA/String WLED Driver
• 6V to 33V Input Voltage (V
IN) Range
• 12V Gate Voltage (V
GATE) (VIN > 13V)
• 80V Absolute Maximum Rating for Each
String
• 1.8% Current Matching Accuracy between
Each String
• 3% Current Accuracy
• Direct PWM Dimming
• Analog Dimming Mode with PWM Input
• Cascading Capability with a Single Power
Source
• LED Open and Short Protection
• Configurable Recoverable Over-Voltage
Protection (OVP)
• Over-Temperature Protection (OTP)
• Short Inductor and Diode Protection
• Available in SOIC-16 and TSSOP-16EP
Packages
APPLICATIONS
• Desktop LCD Flat-Panel Displays
• All-in-One PCs
• 2D and 3D LCD TVs
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS,” the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP3383GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3384EQ MPS-MP3384EQ Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3384LGQ MPS-MP3384LGQ Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
More results

Similar Description - MP3383GS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com