Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8626GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ8626GD Datasheet HTML 1Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 2Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 3Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 4Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 5Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 6Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 7Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 8Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
4
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .................................... 18V
VSW (DC) ..............................-0.3V to VIN + 0.3V
VSW (25ns)
(2) .....................................-3V to 25V
VSW (25ns)..........................................-5V to 25V
VBST ...................................................... VSW + 4V
VCC, EN ....................................... -0.3V to 4.5V
All other pins ..................................-0.3V to 4.3V
Junction temperature ................................170°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +170°C
Recommended Operating Conditions
(3)
Supply voltage (VIN) ........................... 4V to 16V
VIN(DC) - VSW(DC)
(4) .................-0.3V to VIN + 0.3V
VSW(DC)
(5)..............................-0.3V to VIN + 0.3V
Output voltage (VOUT).........................0.6V to 6V
External VCC bias (VCC_EXT)..........3.12V to 3.6V
Maximum output current (IOUT_MAX)................. 6A
Maximum output current limit (IOC_MAX)........... 8A
Maximum peak inductor current (IL_PEAK) ..... 10A
EN voltage (VEN) ......................................... 3.6V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(6) θJB θJC_TOP
QNF-14 (2mmx3mm).......... 6.8 ...... 17.4... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) Measured by using a differential oscilloscope probe.
3) The device is not guaranteed to function outside of its
operating conditions.
4) The voltage rating can be in the range of -5V to 24V for a
period of 25ns or less with a maximum repetition rate of 2MHz
when the input voltage is 16V.
5) The voltage rating can be in the range of -3V to 24V for a
period of 25ns or less with a maximum repetition rate of 2MHz
when the input voltage is 16V.
6)
θ
JB is the thermal resistance from the junction to the board
around the PGND soldering point.
θ
JC_TOP is the thermal resistance from the junction to the top of
the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com