Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8626GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ8626GD Datasheet HTML 1Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 2Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 3Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 4Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 5Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 6Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 7Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 8Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
5
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to 125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VIN Supply Current
Supply current (shutdown)
IIN
VEN = 0V
0
10
μA
Supply current (quiescent)
IIN
VEN = 2V, VFB = 0.7V
650
850
μA
MOSFET
Switch leakage
SWLKG_HS
VEN = 0V, VSW = 0V
0
10
μA
SWLKG_LS
VEN = 0V, VSW = 12V
0
30
HS on-state resistance
RDS_ON_HS
VEN = 2V @ 25°C
22.6
m
Ω
LS on-state resistance
RDS_ON_HS
VEN = 2V @ 25°C
8.1
m
Ω
Current Limit
Current limit threshold
VLIM
1.15
1.2
1.25
V
ICS to IOUT ratio
ICS/IOUT
IOUT
≥ 2A
36
40
44
μA/A
Low-side negative current limit
ILIM_NEG_10
-8
A
Negative current limit time-out (7)
tNCL_Timer
80
ns
Timer
Switching frequency (8)
fSW
530
660
790
kHz
935
1100
1265
kHz
1870
2200
2530
kHz
Minimum on time (7)
TON_MIN
50
ns
Minimum off time (7)
TOFF_MIN
VFB = 1000mV
180
ns
Over-Voltage (OVP) and Under-Voltage Protection (UVP)
OVP threshold
VOVP
113%
116%
119%
VREF
UVP threshold
VUVP
77%
80%
83%
VREF
Feedback Voltage and Soft Start (SS)
Feedback voltage
VREF
TJ = -40°C to +125°C
594
600
606
mV
TJ = 0°C to +70°C
597
600
603
mV
TRK/REF sourcing current
ITRACK_Source
VTRK/REF = 0V
15
μA
TRK/REF sinking current
ITRACK_Sink
VTRK/REF = 0.7V
6
μA
Soft-start time
tSS
CTRACK = 1nF
1.6
2.2
ms
Error Amplifier (EA)
Error amplifier offset
VOS
-3
0
3
mV
Feedback current
IFB
VFB = REF
50
100
nA
Enable (EN)
Enable input rising threshold
VIHEN
1.17
1.22
1.27
V
Enable hysteresis
VEN-HYS
200
mV
Enable input current
IEN
VEN = 2V
0
μA
Soft shutdown discharge
MOSFET
RON_DISCH
80
Ω
VIN UVLO
VIN under-voltage lockout
threshold rising
VINVth-Rise
VCC = 3.3V
2.25
2.55
2.85
V
VIN under-voltage lockout
threshold falling
VINVth-Fall
1.7
2
2.3
V
VCC Regulator
VCC under-voltage lockout
threshold rising
VCCVth_Rise
2.65
2.8
2.95
V
VCC under-voltage lockout
threshold falling
VCCVth_Fall
2.35
2.5
2.65
V
VCC output voltage
VCC
2.88
3.00
3.12
V
VCC load regulation
ICC = 25mA
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com