Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8626GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ8626GD Datasheet HTML 1Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 2Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 3Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 4Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 5Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 6Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 7Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 8Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MPQ8626
16V, 6A, High Efficiency, Synchronous,
Step-Down Converter with
Adjustable Current Limit
MPQ8626 Rev. 1.1
www.MonolithicPower.com
1
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The MPQ8626 is a fully integrated, high-
frequency, synchronous, buck converter. The
MPQ8626 offers a very compact solution that
achieves up to 6A of output current with
excellent load and line regulation over a wide
input supply range. The MPQ8626 operates at
high efficiency over a wide output current load
range.
The
MPQ8626
adopts
an
internally
compensated constant-on-time (COT) control
that provides fast transient response and eases
loop stabilization.
The operating frequency can be set to 600kHz,
1100kHz,
or
2000kHz
easily
with
MODE
configuration, allowing the MPQ8626 frequency
to remain constant regardless of the input and
output voltages.
The output voltage start-up ramp is controlled
by an internal 1.5ms timer, which can be
increased by adding a capacitor on TRK/REF.
An open-drain power good (PGOOD) signal
indicates if the output is within its nominal
voltage range. PGOOD is clamped at around
0.7V with an external pull-up voltage when the
input supply fails to power the MPQ8626.
Full protection features include over-current
protection
(OCP),
over-voltage
protection
(OVP), under-voltage protection (UVP), and
over-temperature protection (OTP).
The MPQ8626 requires a minimal number of
readily
available,
standard,
external
components and is available in a QFN-14
(2mmx3mm) package.
FEATURES
• Wide Input Voltage Range
o
2.85V to 16V with External 3.3V VCC
Bias
o
4V to 16V with Internal VCC Bias or
External 3.3V VCC Bias
• 6A Output Current
• Programmable Accurate Current Limit Level
• Low R
DS(ON) Integrated Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• Adaptive Constant-On-Time (COT) for
Ultrafast Transient Response
• Stable with Zero ESR Output Capacitor
• 0.5% Reference Voltage Over 0°C to +70°C
Junction Temperature Range
• 1% Reference Voltage Over -40°C to
+125°C Junction Temperature Range
• Selectable Forced CCM or Pulse-Skip
Operation
• Excellent Load Regulation
• Output Voltage Tracking
• Output Voltage Discharge
• PGOOD Active Clamped at Low Level
during Power Failure
• Programmable Soft-Start Time from 1ms
and Up
• Pre-Bias Start-Up
• Selectable Switching Frequency from
600kHz, 1100kHz, and 2000kHz
• Non-Latch for OCP, OVP, UVP, OTP, and
UVLO
• Output Adjustable from 0.6V to 0.9 x VIN Up
to 6V Max
• Available in a QFN-14 (2mmx3mm)
Package
APPLICATIONS
• Telecom and Networking Systems
• Server, Cloud-Computing, Storage
• Base Stations
• General Purpose Point-of-Load (PoL)
• 12V Distribution Power Systems
• High-end TV
• Game Consoles and Graphic Cards
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MPQ8626GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8623GD MPS-MPQ8623GD Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
More results

Similar Description - MPQ8626GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com