Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8626GD Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ8626GD Datasheet HTML 2Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 3Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 4Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 5Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 6Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 7Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 8Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 9Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
6
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power Good (PGOOD)
Power good high threshold
PGVth_Hi_Rise
FB from low to high
89.5%
92.5%
95.5%
VREF
Power good low threshold
PGVth_Lo_Rise
FB from low to high
113%
116%
119%
VREF
PGVth_Lo_Fall
FB from high to low
77%
80%
83%
VREF
Power good low-to-high delay
PGTd
TJ = 25°C
0.7
1
1.3
ms
Power good sink current
capability
VPG
IPG = 10mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3V
3
µA
Power good low-level output
voltage
VOL_100
VIN = 0V, pull PGOOD up to
3.3V through a 100kΩ
resistor
650
850
mV
VOL_10
VIN = 0V, pull PGOOD up to
3.3V through a 10kΩ resistor
800
1000
Thermal Protection (OTP)
OTP shutdown (7)
TSD
150
160
°C
OTP shutdown hysteresis (7)
TSD_Hys
20
°C
NOTES:
7)
Specified by design and characterization, not tested in production.
8)
Specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com