Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8626GD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ8626GD Datasheet HTML 9Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 10Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 11Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 12Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
13
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
Constant-On-Time (COT) Control
The MPQ8626 employs constant-on-time (COT)
control to achieve fast load transient response.
Figure 2 shows the details of the control stage
of the MPQ8626.
The operational amplifier (AMP) corrects any
error voltage between FB and REF. The
MPQ8626 can use AMP to provide excellent
load regulation over the entire load range,
whether it is operating in forced continuous
conduction mode (CCM) or pulse-skip mode.
The MPQ8626 has internal ramp compensation
to support low ESR MLCC output capacitor
solutions.
The
adaptive
internal
ramp
is
optimized so that the MPQ8626 is stable in the
entire operating input/output voltage range with
a proper design of the output L/C filter.
Adaptive
RAMP
ON
Timer
PWM
COMP +
VREF
FB
PWM
Comparator
AGND
AMP
Vsens+
Vsens-
Σ
+
L
COUT
VIN
PGND
SW
HSFET
LSFET
Figure 2: COT Control
Pulse-Width Modulation (PWM) Operation
Figure 3 shows how the pulse-width modulation
(PWM) signal is generated. AMP corrects any
error between FB and REF and generates a
fairly smooth DC voltage (COMP). The internal
ramp
is
superimposed
onto
COMP.
The
superimposed COMP is compared with the FB
signal.
Whenever
FB
drops
below
the
superimposed COMP, the integrated high-side
MOSFET (HS-FET) is turned on and remains
on for a fixed turn-on time. The fixed on time is
determined by the input voltage, output voltage,
and selected switching frequency. After the on
period elapses, the HS-FET turns off. The HS-
FET turns on again when FB drops below the
superimposed
COMP.
By
repeating
this
operation, the MPQ8626 regulates the output
voltage. The integrated low-side MOSFET (LS-
FET) turns on when the HS-FET is in its off
state to minimize conduction loss.
A dead short occurs between VIN and PGND if
both the HS-FET and the LS-FET are turned on
at the same time. This is called a shoot-
through. To avoid shoot-through, a dead time
(DT) is generated internally between the HS-
FET off and the LS-FET on period or the LS-
FET off and the HS-FET on period.
PWM
REF
RAMP
FB
COMP
TON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 3: Heavy-Load Operation (PWM)
Continuous
Conduction
Mode
(CCM)
Operation
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above zero amps (see Figure
3). The MPQ8626 can also be configured to
operate in forced CCM operation when the
output current is low. See the MODE Selection
section on page 14 for details.
In CCM operation, the switching frequency is
fairly constant (PWM mode), so the output
ripple remains almost constant throughout the
entire load range.
Pulse-Skip Operation (PSM)
At light-load condition, the MPQ8626 can be
configured to work in pulse-skip mode (PSM) to
optimize efficiency. When the load decreases,
the inductor current decreases as well. Once
the
inductor
current
reaches
zero,
the
MPQ8626 transitions from CCM to PSM if the
MPQ8626 is configured in this way. See the
MODE Selection section on page 14 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com