Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 26Page - Microchip Technology MCP98244 Datasheet HTML 27Page - Microchip Technology MCP98244 Datasheet HTML 28Page - Microchip Technology MCP98244 Datasheet HTML 29Page - Microchip Technology MCP98244 Datasheet HTML 30Page - Microchip Technology MCP98244 Datasheet HTML 31Page - Microchip Technology MCP98244 Datasheet HTML 32Page - Microchip Technology MCP98244 Datasheet HTML 33Page - Microchip Technology MCP98244 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
MCP98244
DS20002327D-page 30
 2012-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 5-9:
Event Output Condition.
TUPPER
TLOWER
TCRIT
TA
TUPPER - THYST
Comparator
Interrupt
S/w Int. Clear
Critical Only
TCRIT - THYST
1
2
3
4
5
7
TABLE 5-3:
TEMPERATURE EVENT OUTPUT CONDITIONS
Note
Output Boundary Conditions
Comparator
Interrupt
Critical
TA Bits
Output State (Active Low/High)
15
14
13
1TA  TLOWER
High/Low
Low/High
High/Low
0
0
0
2TA  TLOWER - THYST
Low/High
Low/High
High/Low
0
0
1
3TA  TUPPER
Low/High
Low/High
High/Low
0
1
0
4
TA  TUPPER - THYST
High/Low
Low/High
High/Low
0
0
0
5
TA  TCRIT
Low/High
Low/High
Low/High
1
1
0
6
When TA  TCRIT the Event output is forced to Comparator Mode and bits 0 of CONFIG (Event
output mode) is ignored until TA  TCRIT - THYST. In the Interrupt Mode, if Interrupt is not cleared
(bits 5 of CONFIG) as shown in the diagram at Note 6, then Event will remain asserted at Note 7
until Interrupt is cleared by the controller.
7TA  TCRIT - THYST
Low/High
High/Low
High/Low
0
1
0
TLOWER - THYST
TLOWER -THYST
TUPPER - THYST
1
3
4
2
Note:
6
Comparator
Interrupt
S/w Int. Clear
Critical Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com