Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 29Page - Microchip Technology MCP98244 Datasheet HTML 30Page - Microchip Technology MCP98244 Datasheet HTML 31Page - Microchip Technology MCP98244 Datasheet HTML 32Page - Microchip Technology MCP98244 Datasheet HTML 33Page - Microchip Technology MCP98244 Datasheet HTML 34Page - Microchip Technology MCP98244 Datasheet HTML 35Page - Microchip Technology MCP98244 Datasheet HTML 36Page - Microchip Technology MCP98244 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002327D-page 33
MCP98244
5.3.3
BANK OR PAGE SELECTION FOR
EEPROM READ/WRITE OPERATION
There are two 256 byte banks or pages in this device
(512 bytes total). The pages are selected using I2C
Set Page Address (SPA) command byte of ‘0110
1100’ for bank/page 0 and ‘0110 1110’ for bank/page
1, see Table 5-5.
The current page status can be read using the Read
Page Address (RPA) Command. If the device ACK or
NAK the command, then the current page is 0 or 1,
respectively.
TABLE 5-4:
SELECTING 256 BYTE BANKS OR PAGES FOR EEPROM READ/WRITE
FIGURE 5-12:
Timing Diagram for Bank/Page Selection (See Section 4.0 “Serial
Communication”).
EEPROM
Function
Operation
Address Byte
A0 PIN Voltage
MCP98244
output
Address
Code
Client Address 1
R/W
A2
A1
A0
Set Bank/Page Address 0 (SPA0)
WRITE
0110
1
1
0
0
VDD, VSS, VHV ACK, Page 0 Set
Set Bank/Page Address 1 (SPA1)
WRITE
0110
1
1
1
0
VDD, VSS, VHV ACK, Page 1 Set
Read Bank/Page Address (RPA)
READ
0110
1
1
0
1
VDD, VSS, VHV ACK for Page 0
NAK for Page 1
Note 1: A0, A1, A2 address pin states are ignored.
SDA
A
C
K
01
1
0
A
C
K
S
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
Address Byte
W
MCP98244
MCP98244
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98244
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
11
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com