Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 43Page - Microchip Technology MCP98244 Datasheet HTML 44Page - Microchip Technology MCP98244 Datasheet HTML 45Page - Microchip Technology MCP98244 Datasheet HTML 46Page - Microchip Technology MCP98244 Datasheet HTML 47Page - Microchip Technology MCP98244 Datasheet HTML 48Page - Microchip Technology MCP98244 Datasheet HTML 49Page - Microchip Technology MCP98244 Datasheet HTML 50Page - Microchip Technology MCP98244 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002327D-page 47
MCP98244
APPENDIX A: REVISION HISTORY
Revision D (March 2022)
The following is the list of modification:
• Updated the MCP98244 EEPROM DC
Characteristics table.
• Updated the title of Figure 2-3.
• Updated the description of bit 2 in Register 5-3.
• Updated Section 5.2.3 “Event Output
Configuration”.
• Updated Section 7.0 “Packaging Information”.
• Updated “Master/Slave” terminology throughout
the document to “Host/Client”.
• Minor editorial corrections.
Revision C (May 2013)
The following is the list of modifications:
• Updated the operating voltage range from
VDD = 2.2V to 3.6V to VDD = 1.7V to 3.6V.
• Updated the verbiage throughout the document
relevant to the change in VDD range.
• Updated Figure 2-1 and Figure 2-4.
• Incremented the silicon revision ID from 0x00 to
0x01.
Revision B (December 2012)
The following is the list of modification:
• Updated the temperature range in the Serial
Interface Timing Specifications table.
Revision A (December 2012)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com