Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 7Page - Microchip Technology MCP98244 Datasheet HTML 8Page - Microchip Technology MCP98244 Datasheet HTML 9Page - Microchip Technology MCP98244 Datasheet HTML 10Page - Microchip Technology MCP98244 Datasheet HTML 11Page - Microchip Technology MCP98244 Datasheet HTML 12Page - Microchip Technology MCP98244 Datasheet HTML 13Page - Microchip Technology MCP98244 Datasheet HTML 14Page - Microchip Technology MCP98244 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002327D-page 11
MCP98244
5.0
FUNCTIONAL DESCRIPTION
The MCP98244 temperature sensors consists of a
band-gap type temperature sensor, a Delta-Sigma
Analog-to-Digital
Converter
(

ADC),
user-programmable registers and a 2-wire I2C protocol
compatible serial interface. Figure 5-1 shows a block
diagram of the register structure.
FIGURE 5-1:
Functional Block Diagram.
Clear Event
0.5°C/bit
0.25°C/bit
0.125°C/bit
0.0625°C/bit
Temperature
TUPPER
TLOWER
Configuration
 ADC
Band-Gap
Temperature
Sensor
Event Status
Output Control
Critical Event only
Event Polarity
Event Comp/Int
TCRIT
Capability
Temp. Range
Accuracy
Output Feature
Register
Pointer
Critical Trip Lock
Alarm Win. Lock Bit
Shutdown
Hysteresis
Manufacturer ID
Resolution
Device ID/Rev
Selected Resolution
Standard I2C
Interface
A0
A1
A2
Event
SDA
SCL
VDD
GND
I2C Bus Time-out
Accepts VHV
Shutdown Status
MCP98244 Temperature Sensor
MCP98244 EEPROM
Memory
Control
Logic
XDEC
HV Generator
Software write
Write Protect
Circuitry
YDEC
SENSE AMP
R/W CONTROL
protected area
(00h-7Fh)
(7Fh-FFh)
Software write
protected area
(00h-7Fh)
(7Fh-FFh)
Software write
protected area
Software write
protected area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com