Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9971 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 35Page - Renesas Technology Corp UPD9971 Datasheet HTML 36Page - Renesas Technology Corp UPD9971 Datasheet HTML 37Page - Renesas Technology Corp UPD9971 Datasheet HTML 38Page - Renesas Technology Corp UPD9971 Datasheet HTML 39Page - Renesas Technology Corp UPD9971 Datasheet HTML 40Page - Renesas Technology Corp UPD9971 Datasheet HTML 41Page - Renesas Technology Corp UPD9971 Datasheet HTML 42Page - Renesas Technology Corp UPD9971 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
37
5.3 PLL Block
Figure 5-4 PLL
STPLL1,
STPLL2
MCLK1A[6:0],
MCLK1B[7:0]
MCLK1
MCLKSEL
MCLK2
Audio
master clock
Melody
master clock
MCLKSEL
MCLK2A[4:0],
MCLK2B[7:0]
Selector
CSTRT
CSTRTEN
PLL1
PLL2
This block has the following functions:
• Divides or multiplies clocks input from the outside (which is done by the setting of registers) and generates the
sound generator master clock as well as the audio master clock.
• Selects either the MCLK1 or MCLK2 pin as the clock input pin by using an internal register MCLKSEL or an
external pin CSTRT. (Selection using the CSTRT pin is a special mode. Normally, use the MCLKSEL register.)
• Requires a setting, CSTRTEN bit = high, for validating the selection using the CSTRT pin.
• Inputs the MCLK2 pin to the EVDD level because the pin uses external digital signals as clocks.
• Receives power supply from PLLVDD.
This block generates the audio master clock when the STPLL1 bit is set to the high level, and the sound generator
block master clock when the STPLL2 bit is set to the high level. Each master clock requires the setting of a division
ratio by MCLK1A, MCLK1B, MCLK2A, and MCLK2B registers. The setting has to be performed in accordance with
the input frequency and the sampling frequency.
When the CSTRTEN bit is set to the low level, and when the MCLKSEL bit is set to the low level, the MCLK1 pin is
selected as the clock input pin. In this case, if the MCLKSEL bit is set to the high level, the MCLK2 pin is selected.
When the CSTRTEN bit is set to the high level, and when a specific division ratio is set, a special mode in which
clock input pins are switched by an external pin CSTRT is enabled. For details of the special mode, contact NEC
Electronics.
Normally, use the MCLKSEL register to perform the switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com