Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9971 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 9Page - Renesas Technology Corp UPD9971 Datasheet HTML 10Page - Renesas Technology Corp UPD9971 Datasheet HTML 11Page - Renesas Technology Corp UPD9971 Datasheet HTML 12Page - Renesas Technology Corp UPD9971 Datasheet HTML 13Page - Renesas Technology Corp UPD9971 Datasheet HTML 14Page - Renesas Technology Corp UPD9971 Datasheet HTML 15Page - Renesas Technology Corp UPD9971 Datasheet HTML 16Page - Renesas Technology Corp UPD9971 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
11
2.2 Recommended External Circuit
L ch line output
R ch line output
µ PD9971
DGND
AGND
AGND
AGND
AGND
AGND2
REGGND
PLLGND
EGND
DGND
EVDD
PLLVDD
AVDD
REGVDD
DGND
AGND
AGND
AGND
1.8 V
3.0 V
3.0 V
3.0 V
AGND
AGND
Clock input
Clock input
LINOL
LINOR
MCLK1
MCLK2
VREF
IREF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
4.7
µF
4.7
µF
0.22
µF
1000 pF
56 k
Ω
47 k
Ω
47 k
Ω
DGND
AGND
AGND
REGOUT
2.2
µF
DVDD
DGND
1.54 V
0.1
µF
Connect case:
Regulator use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com