Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9971 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 17Page - Renesas Technology Corp UPD9971 Datasheet HTML 18Page - Renesas Technology Corp UPD9971 Datasheet HTML 19Page - Renesas Technology Corp UPD9971 Datasheet HTML 20Page - Renesas Technology Corp UPD9971 Datasheet HTML 21Page - Renesas Technology Corp UPD9971 Datasheet HTML 22Page - Renesas Technology Corp UPD9971 Datasheet HTML 23Page - Renesas Technology Corp UPD9971 Datasheet HTML 24Page - Renesas Technology Corp UPD9971 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
19
(2/2)
Standby Status
RESET_B=0 status
Pin.
No
I/O
A/D
Pin Name
Control Signal
Pin
Status
Control Signal
Pin
Status
After
Reset
8F
Digital
DVDD
10G
I/O
Digital
D4
Input
RESET_B
Hi-Z
Input
9G
I/O
Digital
D5
Input
RESET_B
Hi-Z
Input
10F
I/O
Digital
D6
Input
RESET_B
Hi-Z
Input
9F
I/O
Digital
D7
Input
RESET_B
Hi-Z
Input
10E
Output
Digital
INT_B
Output
RESET_B
High
High
9E
Input
Digital
RESET_B
Input
Input
Input
10D
Digital
DVDD
9D
Output
Digital
VIB
Register
RESET_B
Low
Low
10C
Output
Digital
LED
Register
RESET_B
Low
Low
9C
Digital
EVDD
8C
Input
Digital
CSTRT
Input
Input
Input
8B
I/O
Digital
BCLK
STASI, STASO
RESET_B
Hi-Z
Input
8A
I/O
Digital
LRCLK
STASI, STASO
RESET_B
Hi-Z
Input
7C
Digital
DVDD
7A
Input
Digital
ASI
STASI, STASO
Input
Input
7B
Output
Digital
ASO
STASI, STASO
RESET_B
Hi-Z
Hi-Z
6B
Input
Digital
PS
Input
Input
Input
6A
Digital
EGND
6C
Input
Digital
TM5
Input
Input
Input
5B
I/O
Digital
MBCLK
STMSI, STMSO
RESET_B
Hi-Z
Input
5A
I/O
Digital
MEN
STMSI, STMSO
RESET_B
Hi-Z
Input
5C
Digital
DGND
4C
Digital
DVDD
4A
Input
Digital
MSI
STMSI, STMSO
Input
Input
4B
I/O
Digital
TM4
Low
RESET_B
Hi-Z
Low
3C
Output
Digital
MSO
STMSI, STMSO
RESET_B
Hi-Z
Hi-Z
3A
I/O
Digital
TM3
Low
RESET_B
Hi-Z
Low
3B
Input
Digital
TM2
Input
Input
Input
2C
Input
Digital
TM0
Input
Input
Input
For pin statuses in ASIO and MSIO blocks, refer to Table 2-2, Table 2-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com