Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9971 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 88Page - Renesas Technology Corp UPD9971 Datasheet HTML 89Page - Renesas Technology Corp UPD9971 Datasheet HTML 90Page - Renesas Technology Corp UPD9971 Datasheet HTML 91Page - Renesas Technology Corp UPD9971 Datasheet HTML 92Page - Renesas Technology Corp UPD9971 Datasheet HTML 93Page - Renesas Technology Corp UPD9971 Datasheet HTML 94Page - Renesas Technology Corp UPD9971 Datasheet HTML 95Page - Renesas Technology Corp UPD9971 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
90
9. ELECTRICAL SPECIFICATIONS
9.1 Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rating
Unit
DVDD
For digital ports
–0.3 to +2.0
V
EVDD
For I/O pins
–0.3 to +4.0
V
REGVDD
For regulators
–0.3 to +4.0
V
PLLVDD
For PLL
–0.3 to +4.0
V
Supply voltage
AVDD
For analog ports
–0.3 to +4.0
V
Input voltage
VI
–0.3 to +4.0
V
Output voltage
VO
VI/VO < EVDD + 0.5 V
–0.3 to +4.0
V
Power dissipation
PD
Tj = 125
°C
800
mW
Storage temperature
Tstg
–50 to +125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
9.2 Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
DVDD
1.425
1.65
V
EVDD
1.71
1.8
3.3
V
REGVDD
2.7
3.0
3.3
V
PLLVDD
2.7
3.0
3.3
V
Operating voltage
AVDD
2.7
3.0
3.3
V
Input voltage
VI
0
EVDD
V
Operating ambient
temperature
TA
–20
+85
°C
9.3 Capacitance
(TA =
+25°C, DVDD = 0 V, EVDD = 0 V, Analog pins are excluded.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
10
pF
Output capacitance
CO
10
pF
I/O capacitance
CIO
f = 1 MHz, pins other than those tested: 0 V
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com