Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20K Datasheet(PDF) 49 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 49 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 45Page - Altera Corporation APEX20K Datasheet HTML 46Page - Altera Corporation APEX20K Datasheet HTML 47Page - Altera Corporation APEX20K Datasheet HTML 48Page - Altera Corporation APEX20K Datasheet HTML 49Page - Altera Corporation APEX20K Datasheet HTML 50Page - Altera Corporation APEX20K Datasheet HTML 51Page - Altera Corporation APEX20K Datasheet HTML 52Page - Altera Corporation APEX20K Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
Altera Corporation
49
APEX 20K Programmable Logic Device Family Data Sheet
Clock Phase & Delay Adjustment
The APEX 20KE ClockShift feature allows the clock phase and delay to be
adjusted. The clock phase can be adjusted by 90° steps. The clock delay
can be adjusted to increase or decrease the clock delay by an arbitrary
amount, up to one clock period.
LVDS Support
Two PLLs are designed to support the LVDS interface. When using LVDS,
the I/O clock runs at a slower rate than the data transfer rate. Thus, PLLs
are used to multiply the I/O clock internally to capture the LVDS data. For
example, an I/O clock may run at 105 MHz to support 840 megabits per
second (Mbps) LVDS data transfer. In this example, the PLL multiplies the
incoming clock by eight to support the high-speed data transfer. You can
use PLLs in EP20K400E and larger devices for high-speed LVDS
interfacing.
Lock Signals
The APEX 20KE ClockLock circuitry supports individual LOCK signals.
The LOCK signal drives high when the ClockLock circuit has locked onto
the input clock. The LOCK signals are optional for each ClockLock circuit;
when not used, they are I/O pins.
ClockLock & ClockBoost Timing Parameters
For the ClockLock and ClockBoost circuitry to function properly, the
incoming clock must meet certain requirements. If these specifications are
not met, the circuitry may not lock onto the incoming clock, which
generates an erroneous clock within the device. The clock generated by
the ClockLock and ClockBoost circuitry must also meet certain
specifications. If the incoming clock meets these requirements during
configuration, the APEX 20K ClockLock and ClockBoost circuitry will
lock onto the clock during configuration. The circuit will be ready for use
immediately after configuration. In APEX 20KE devices, the clock input
standard is programmable, so the PLL cannot respond to the clock until
the device is configured. The PLL locks onto the input clock as soon as
configuration is complete. Figure 30 shows the incoming and generated
clock specifications.
1
For more information on ClockLock and ClockBoost circuitry,
see Application Note 115: Using the ClockLock and ClockBoost PLL
Features in APEX Devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com