Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20K Datasheet(PDF) 2 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 2 Page - Altera Corporation

  APEX20K Datasheet HTML 1Page - Altera Corporation APEX20K Datasheet HTML 2Page - Altera Corporation APEX20K Datasheet HTML 3Page - Altera Corporation APEX20K Datasheet HTML 4Page - Altera Corporation APEX20K Datasheet HTML 5Page - Altera Corporation APEX20K Datasheet HTML 6Page - Altera Corporation APEX20K Datasheet HTML 7Page - Altera Corporation APEX20K Datasheet HTML 8Page - Altera Corporation APEX20K Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 117 page
background image
2
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Note to Tables 1 and 2:
(1)
The embedded IEEE Std. 1149.1 Joint Test Action Group (JTAG) boundary-scan circuitry contributes up to
57,000 additional gates.
Additional
Features
■
Designed for low-power operation
–
1.8-V and 2.5-V supply voltage (see Table 3)
–MultiVoltTM I/O interface support to interface with 1.8-V, 2.5-V,
3.3-V, and 5.0-V devices (see Table 3)
–
ESB offering programmable power-saving mode
Note to Table 3:
(1)
APEX 20KE devices can be 5.0-V tolerant by using an external resistor.
Table 2. Additional APEX 20K Device Features
Note (1)
Feature
EP20K300E
EP20K400
EP20K400E
EP20K600E
EP20K1000E EP20K1500E
Maximum system
gates
728,000
1,052,000
1,052,000
1,537,000
1,772,000
2,392,000
Typical gates
300,000
400,000
400,000
600,000
1,000,000
1,500,000
LEs
11,520
16,640
16,640
24,320
38,400
51,840
ESBs
72
104
104
152
160
216
Maximum
RAM bits
147,456
212,992
212,992
311,296
327,680
442,368
Maximum
macrocells
1,152
1,664
1,664
2,432
2,560
3,456
Maximum user I/O
pins
408
502
488
588
708
808
Table 3. APEX 20K Supply Voltages
Feature
Device
EP20K100
EP20K200
EP20K400
EP20K30E
EP20K60E
EP20K100E
EP20K160E
EP20K200E
EP20K300E
EP20K400E
EP20K600E
EP20K1000E
EP20K1500E
Internal supply voltage (VCCINT)
2.5 V
1.8 V
MultiVolt I/O interface voltage levels (VCCIO) 2.5 V, 3.3 V, 5.0 V
1.8 V, 2.5 V, 3.3 V, 5.0 V (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com