Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20K Datasheet(PDF) 3 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 3 Page - Altera Corporation

  APEX20K Datasheet HTML 1Page - Altera Corporation APEX20K Datasheet HTML 2Page - Altera Corporation APEX20K Datasheet HTML 3Page - Altera Corporation APEX20K Datasheet HTML 4Page - Altera Corporation APEX20K Datasheet HTML 5Page - Altera Corporation APEX20K Datasheet HTML 6Page - Altera Corporation APEX20K Datasheet HTML 7Page - Altera Corporation APEX20K Datasheet HTML 8Page - Altera Corporation APEX20K Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 117 page
background image
Altera Corporation
3
APEX 20K Programmable Logic Device Family Data Sheet
■
Flexible clock management circuitry with up to four phase-locked
loops (PLLs)
–
Built-in low-skew clock tree
–
Up to eight global clock signals
–
ClockLock® feature reducing clock delay and skew
–
ClockBoost® feature providing clock multiplication and division
–
ClockShiftTM programmable clock phase and delay shifting
■
Powerful I/O features
–
Compliant with peripheral component interconnect Special
Interest Group (PCI SIG) PCI Local Bus Specification,
Revision 2.2
for 3.3-V operation at 33 or 66 MHz and 32 or 64 bits
–
Support for high-speed external memories, including DDR
SDRAM and ZBT SRAM (ZBT is a trademark of Integrated
Device Technology, Inc.)
–
Bidirectional I/O performance (tCO + tSU) up to 250 MHz
–
LVDS performance up to 840 Mbits per channel
–
Direct connection from I/O pins to local interconnect providing
fast tCO and tSU times for complex logic
–
MultiVolt I/O interface support to interface with 1.8-V, 2.5-V,
3.3-V, and 5.0-V devices (see Table 3)
–
Programmable clamp to VCCIO
–
Individual tri-state output enable control for each pin
–
Programmable output slew-rate control to reduce switching
noise
–
Support for advanced I/O standards, including low-voltage
differential signaling (LVDS), LVPECL, PCI-X, AGP, CTT, stub-
series terminated logic (SSTL-3 and SSTL-2), Gunning
transceiver logic plus (GTL+), and high-speed terminated logic
(HSTL Class I)
–
Pull-up on I/O pins before and during configuration
■
Advanced interconnect structure
–
Four-level hierarchical FastTrack® Interconnect structure
providing fast, predictable interconnect delays
–
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
–
Dedicated cascade chain that implements high-speed,
high-fan-in logic functions (automatically used by software tools
and megafunctions)
–
Interleaved local interconnect allows one LE to drive 29 other
LEs through the fast local interconnect
■
Advanced packaging options
–
Available in a variety of packages with 144 to 1,020 pins (see
Tables 4 through 7)
–
FineLine BGA® packages maximize board space efficiency
■
Advanced software support
–
Software design support and automatic place-and-route
provided by the Altera® Quartus® II development system for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com