Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20K Datasheet(PDF) 13 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 13 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 9Page - Altera Corporation APEX20K Datasheet HTML 10Page - Altera Corporation APEX20K Datasheet HTML 11Page - Altera Corporation APEX20K Datasheet HTML 12Page - Altera Corporation APEX20K Datasheet HTML 13Page - Altera Corporation APEX20K Datasheet HTML 14Page - Altera Corporation APEX20K Datasheet HTML 15Page - Altera Corporation APEX20K Datasheet HTML 16Page - Altera Corporation APEX20K Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
Altera Corporation
13
APEX 20K Programmable Logic Device Family Data Sheet
Logic Element
The LE, the smallest unit of logic in the APEX 20K architecture, is compact
and provides efficient logic usage. Each LE contains a four-input LUT,
which is a function generator that can quickly implement any function of
four variables. In addition, each LE contains a programmable register and
carry and cascade chains. Each LE drives the local interconnect, MegaLAB
interconnect, and FastTrack Interconnect routing structures. See Figure 5.
Figure 5. APEX 20K Logic Element
Each LE’s programmable register can be configured for D, T, JK, or SR
operation. The register’s clock and clear control signals can be driven by
global signals, general-purpose I/O pins, or any internal logic. For
combinatorial functions, the register is bypassed and the output of the
LUT drives the outputs of the LE.
labclk1
labclk2
labclr1
labclr2
Carry-In
Clock &
Clock Enable
Select
Carry-Out
Look-Up
Table
(LUT)
Carry
Chain
Cascade
Chain
Cascade-In
Cascade-Out
To FastTrack Interconnect,
MegaLAB Interconnect,
or Local Interconnect
To FastTrack Interconnect,
MegaLAB Interconnect,
or Local Interconnect
Programmable
Register
PRN
CLRN
DQ
ENA
Register Bypass
Packed
Register Select
Chip-Wide
Reset
labclkena1
labclkena2
Synchronous
Load & Clear
Logic
LAB-wide
Synchronous
Load
LAB-wide
Synchronous
Clear
Asynchronous
Clear/Preset/
Load Logic
data1
data2
data3
data4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com