Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20K Datasheet(PDF) 86 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 86 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 82Page - Altera Corporation APEX20K Datasheet HTML 83Page - Altera Corporation APEX20K Datasheet HTML 84Page - Altera Corporation APEX20K Datasheet HTML 85Page - Altera Corporation APEX20K Datasheet HTML 86Page - Altera Corporation APEX20K Datasheet HTML 87Page - Altera Corporation APEX20K Datasheet HTML 88Page - Altera Corporation APEX20K Datasheet HTML 89Page - Altera Corporation APEX20K Datasheet HTML 90Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
86
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 56. EP20K60E fMAX ESB Timing Microparameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tESBARC
1.83
2.57
3.79
ns
tESBSRC
2.46
3.26
4.61
ns
tESBAWC
3.50
4.90
7.23
ns
tESBSWC
3.77
4.90
6.79
ns
tESBWASU
1.59
2.23
3.29
ns
tESBWAH
0.00
0.00
0.00
ns
tESBWDSU
1.75
2.46
3.62
ns
tESBWDH
0.00
0.00
0.00
ns
tESBRASU
1.76
2.47
3.64
ns
tESBRAH
0.00
0.00
0.00
ns
tESBWESU
1.68
2.49
3.87
ns
tESBWEH
0.00
0.00
0.00
ns
tESBDATASU
0.08
0.43
1.04
ns
tESBDATAH
0.13
0.13
0.13
ns
tESBWADDRSU
0.29
0.72
1.46
ns
tESBRADDRSU
0.36
0.81
1.58
ns
tESBDATACO1
1.06
1.24
1.55
ns
tESBDATACO2
2.39
3.35
4.94
ns
tESBDD
3.50
4.90
7.23
ns
tPD
1.72
2.41
3.56
ns
tPTERMSU
0.99
1.56
2.55
ns
tPTERMCO
1.07
1.26
1.08
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com