Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323WTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 2Page - STMicroelectronics STA323WTR Datasheet HTML 3Page - STMicroelectronics STA323WTR Datasheet HTML 4Page - STMicroelectronics STA323WTR Datasheet HTML 5Page - STMicroelectronics STA323WTR Datasheet HTML 6Page - STMicroelectronics STA323WTR Datasheet HTML 7Page - STMicroelectronics STA323WTR Datasheet HTML 8Page - STMicroelectronics STA323WTR Datasheet HTML 9Page - STMicroelectronics STA323WTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
STA323W
6/41
Table 3. ABSOLUTE MAXIMUM RATINGS
Table 4. THERMAL DATA
Table 5. RECOMMENDED DC OPERATING CONDITIONS
4
ELECTRICAL CHARACTERISTCS
(VDD3 = 3.3V ± 0.3V; Tamb = 25°C; unless otherwise specified)
4.1 GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Note 1: The leakage currents are generally very small, < 1na. The values given here are maximum after an electrostatic stress on the pin.
Note 2: Human Body Model
4.2 DC ELECTRICAL CHARACTERISTICS: 3.3V BUFFERS
Symbol
Parameter
Value
Unit
VDD_3.3
3.3V I/O Power Supply
-0.5 to 4
V
Vi
Voltage on input pins
-0.5 to (VDD+0.5)
V
Vo
Voltage on output pins
-0.5 to (VDD+0.5)
V
Tstg
Storage Temperature
-40 to +150
°C
Tamb
Ambient Operating Temperature
-20 to +85
°C
VCC
DC Supply Voltage
40
V
VMAX
Maximum voltage on pins 20
5.5
V
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-case
Thermal resistance Junction to case (thermal pad)
2.5
°C/W
Tj-SD
Thermal Shut-down Junction Temperature
150
°C
TWARN
Thermal Warning Temperature
130
°C
Th-SD
Thermal Shut-down Hysteresis
25
°C
Symbol
Parameter
Value
Unit
VDD_3.3
I/O Power Supply
3.0 to 3.6
V
Tj
Operating Junction Temperature
-20 to +125
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Iil
Low Level Input no pull-up
Vi = 0V
1
µA1
Iih
High Level Input no pull-down
Vi = VDD3
2
µA1
IOZ
Tristate output leakage without
pullup/down
Vi = VDD3
2
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA
2000
V
2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
Vhyst
Schmitt Trigger Hysteresis
0.4
V
Vol
Low Level Output
IoI = 2mA
0.15
V
Voh
High Level Output
Ioh = -2mA
VDD -0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com