Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323WTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 31Page - STMicroelectronics STA323WTR Datasheet HTML 32Page - STMicroelectronics STA323WTR Datasheet HTML 33Page - STMicroelectronics STA323WTR Datasheet HTML 34Page - STMicroelectronics STA323WTR Datasheet HTML 35Page - STMicroelectronics STA323WTR Datasheet HTML 36Page - STMicroelectronics STA323WTR Datasheet HTML 37Page - STMicroelectronics STA323WTR Datasheet HTML 38Page - STMicroelectronics STA323WTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
35/41
STA323W
8.6.17Coefficient Write Control Register (Address 26h)
Coefficients for EQ, Mix and Scaling are handled internally in the STA323W via RAM. Access to this RAM
is available to the user via an I2C register interface. A collection of I2C registers are dedicated to this func-
tion. First register contains the coefficient base address, five sets of three registers store the values of the
24-bit coefficients to be written or that were read, and one contains bits used to control the read or write
of the coefficient (s) to RAM. The following are instructions for reading and writing coefficients.
8.7 Reading a coefficient from RAM
■ write 8-bits of address to I
2C register 16h
■ write ‘1’ to bit R1 (D2) of I
2C register 26h
■ read top 8-bits of coefficient in I
2C address 17h
■ read middle 8-bits of coefficient in I
2C address 18h
■ read bottom 8-bits of coefficient in I
2C address 19h
8.8 Reading a set of coefficients from RAM
■ write 8-bits of address to I
2C register 16h
■ write ‘1’ to bit RA (D3) of I
2C register 26h
■ read top 8-bits of coefficient in I
2C address 17h
■ read middle 8-bits of coefficient in I
2C address 18h
■ read bottom 8-bits of coefficient in I
2C address 19h
■ read top 8-bits of coefficient b2 in I
2C address 1Ah
■ read middle 8-bits of coefficient b2 in I
2C address 1Bh
■ read bottom 8-bits of coefficient b2 in I
2C address 1Ch
■ read top 8-bits of coefficient a1 in I
2C address 1Dh
■ read middle 8-bits of coefficient a1 in I
2C address 1Eh
■ read bottom 8-bits of coefficient a1 in I
2C address 1Fh
■ read top 8-bits of coefficient a2 in I
2C address 20h
■ read middle 8-bits of coefficient a2 in I
2C address 21h
■ read bottom 8-bits of coefficient a2 in I
2C address 22h
■ read top 8-bits of coefficient b0 in I
2C address 23h
■ read middle 8-bits of coefficient b0 in I
2C address 24h
■ read bottom 8-bits of coefficient b0 in I
2C address 25h
8.9 Writing a single coefficient to RAM
■ write 8-bits of address to I
2C register 16h
■ write top 8-bits of coefficient in I
2C address 17h
■ write middle 8-bits of coefficient in I
2C address 18h
■ write bottom 8-bits of coefficient in I
2C address 19h
■ write 1 to W1 bit in I
2C address 26h
D7
D6
D5
D4
D3
D2
D1
D0
RA
R1
WA
W1
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com