Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323WTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 26Page - STMicroelectronics STA323WTR Datasheet HTML 27Page - STMicroelectronics STA323WTR Datasheet HTML 28Page - STMicroelectronics STA323WTR Datasheet HTML 29Page - STMicroelectronics STA323WTR Datasheet HTML 30Page - STMicroelectronics STA323WTR Datasheet HTML 31Page - STMicroelectronics STA323WTR Datasheet HTML 32Page - STMicroelectronics STA323WTR Datasheet HTML 33Page - STMicroelectronics STA323WTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
STA323W
30/41
7.12.6Anti-Clipping Mode
Table 29. Limiter Attack
Threshold Selection (AC-Mode)
Table 30. Limiter Release
Threshold Selection (AC-Mode).
7.12.7Dynamic Range Compression Mode
Table 31. Limiter Attack Threshold Selection
(DRC-Mode)
.
Table 32. Limiter Release Threshold Selection
(DRC-Mode).(
LxAT (3...0)
AC (dB relative to FS)
0000
-12
0001
-10
0010
-8
0011
-6
0100
-4
0101
-2
0110
0
0111
+2
1000
+3
1001
+4
1010
+5
1011
+6
1100
+7
1101
+8
1110
+9
1111
+10
LxRT (3...0)
AC (dB relative to FS)
0000
-
∞
0001
-29dB
0010
-20dB
0011
-16dB
0100
-14dB
0101
-12dB
0110
-10dB
0111
-8dB
1000
-7dB
1001
-6dB
1010
-5dB
1011
-4dB
1100
-3dB
1101
-2dB
1110
-1dB
1111
-0dB
LxAT (3...0)
DRC (dB relative to Volume)
0000
-31
0001
-29
0010
-27
0011
-25
0100
-23
0101
-21
0110
-19
0111
-17
1000
-16
1001
-15
1010
-14
1011
-13
1100
-12
1101
-10
1110
-7
1111
-4
LxRT (3...0)
DRC (db relative to Volume
+ LxAT)
0000
-
∞
0001
-38dB
0010
-36dB
0011
-33dB
0100
-31dB
0101
-30dB
0110
-28dB
0111
-26dB
1000
-24dB
1001
-22dB
1010
-20dB
1011
-18dB
1100
-15dB
1101
-12dB
1110
-9dB
1111
-6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com