Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323WTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 17Page - STMicroelectronics STA323WTR Datasheet HTML 18Page - STMicroelectronics STA323WTR Datasheet HTML 19Page - STMicroelectronics STA323WTR Datasheet HTML 20Page - STMicroelectronics STA323WTR Datasheet HTML 21Page - STMicroelectronics STA323WTR Datasheet HTML 22Page - STMicroelectronics STA323WTR Datasheet HTML 23Page - STMicroelectronics STA323WTR Datasheet HTML 24Page - STMicroelectronics STA323WTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21/41
STA323W
7.7.3 Binary Clock Loss Detection Enable
Detects loss of input MCLK in binary mode and will output 50% duty cycle to prevent audible artifacts when
input clocking is lost.
7.7.4 Auto-EAPD on Clock Loss Enable
When ECLE is active, it issues a power device power down signal (EAPD) on clock loss detection.
7.7.5 External Amplifier Power Down
EAPD is used to actively power down a connected DDX® Power device. This register has to be written to
1 at start-up to enable the DDX® power device for normal operation.
7.8 VOLUME CONTROL
7.8.1 Master Controls
7.8.1.1Master Mute Register (Address 06h)
7.8.1.2Master Volume Register (Address 07h)
Note : Value of volume derived from MVOL is dependent on AMV AutoMode Volume settings.
7.8.2 Channel Controls
7.8.2.1Channel 1 Volume (Address 08h)
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
1
BCLE
Binary Output Mode Clock Loss Detection Enable
0 – Disabled
1 – Enabled
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
ECLE
Auto EAPD on Clock Loss
0 – Disabled
1 – Enabled
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
EAPD
External Amplifier Power Down:
0 – External Power Stage Power Down Active
1 – Normal Operation
D7
D6
D5
D4
D3
D2
D1
D0
MMUTE
0
D7
D6
D5
D4
D3
D2
D1
D0
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
11
11
1
1
1
1
D7
D6
D5
D4
D3
D2
D1
D0
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
01
1000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com