Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323WTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 15Page - STMicroelectronics STA323WTR Datasheet HTML 16Page - STMicroelectronics STA323WTR Datasheet HTML 17Page - STMicroelectronics STA323WTR Datasheet HTML 18Page - STMicroelectronics STA323WTR Datasheet HTML 19Page - STMicroelectronics STA323WTR Datasheet HTML 20Page - STMicroelectronics STA323WTR Datasheet HTML 21Page - STMicroelectronics STA323WTR Datasheet HTML 22Page - STMicroelectronics STA323WTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
19/41
STA323W
7.6 CONFIGURATION REGISTER E (ADDRESS 04H)
7.6.1 Max Power Correction Variable
By enabling MPC and setting MPCV = 1, the max power correction becomes variable. By adjusting the
MPCC registers (address 0x27-0x28) it becomes possible to adjust the THD at maximum unclipped power
to a lower value for a particular application.
7.6.2 Max Power Correction
Setting the MPC bit corrects the DDX-2060/2100/2160 power device at high power. This mode will lower
the THD+N of a full DDX-2060 DDX® system at maximum power output and slightly below.
7.6.3 AM Mode Enable
The STA323W features a DDX® processing mode that minimizes the amount of noise generated in the
frequency range of AM radio. This mode is intended for use when DDX® is operating in a device with an
active AM tuner. The SNR of the DDX® processing is reduced to ~83dB in this mode, which is still greater
than the SNR of AM radio.
7.6.4 PWM Speed Mode
Table 14. PWM Output Speed Selections
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
RES
PWMS
AME
RES
MPC
MPCV
0
0
0
0
000
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
MPCV
Max Power Correction Variable:
0 – Use Standard MPC Coefficient
1 – Use MPCC bits for MPC Coefficient
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
MPC
Max Power Correction:
0 – MPC Disabled
1 – MPC Enabled
BIT
R/W
RST
NAME
DESCRIPTION
3
R/W
0
AME
AM Mode Enable:
0 – Normal DDX® operation.
1 – AM reduction mode DDX® operation.
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
PWMS
PWM Speed Selection: Normal or Odd
PWMS (1...0)
PWM Output Speed
0
Normal Speed (384kHz) All Channels
1
Odd Speed (341.3kHz) All Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com