Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 52 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 48Page - STMicroelectronics M50FLW040A Datasheet HTML 49Page - STMicroelectronics M50FLW040A Datasheet HTML 50Page - STMicroelectronics M50FLW040A Datasheet HTML 51Page - STMicroelectronics M50FLW040A Datasheet HTML 52Page - STMicroelectronics M50FLW040A Datasheet HTML 53Page - STMicroelectronics M50FLW040A Datasheet HTML 54Page - STMicroelectronics M50FLW040A Datasheet HTML 55Page - STMicroelectronics M50FLW040A Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Block and sector address table
M50FLW040A, M50FLW040B
52/64
Appendix A
Block and sector address table
Table 34.
M50FLW040A block and sector addresses(1)
Block Size
(KByte)
Address Range
Block No
and Type
Sector Size
(KByte)
Sector No
Register
Address
64
7F000h-7FFFFh
7
(Top)
447
FBF0002
7E000h-7EFFFh
4
46
7D000h-7DFFFh
4
45
7C000h-7CFFFh
4
44
7B000h-7BFFFh
4
43
7A000h-7AFFFh
4
42
79000h-79FFFh
4
41
78000h-78FFFh
4
40
77000h-77FFFh
4
39
76000h-76FFFh
4
38
75000h-75FFFh
4
37
74000h-74FFFh
4
36
73000h-73FFFh
4
35
72000h-72FFFh
4
34
71000h-71FFFh
4
33
70000h-70FFFh
4
32
64
6F000h-6FFFFh
6
(Main)
431
FBE0002
6E000h-6EFFFh
4
30
6D000h-6DFFFh
4
29
6C000h-6CFFFh
4
28
6B000h-6BFFFh
4
27
6A000h-6AFFFh
4
26
69000h-69FFFh
4
25
68000h-68FFFh
4
24
67000h-67FFFh
4
23
66000h-66FFFh
4
22
65000h-65FFFh
4
21
64000h-64FFFh
4
20
63000h-63FFFh
4
19
62000h-62FFFh
4
18
61000h-61FFFh
4
17
60000h-60FFFh
4
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com