Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 34 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 30Page - STMicroelectronics M50FLW040A Datasheet HTML 31Page - STMicroelectronics M50FLW040A Datasheet HTML 32Page - STMicroelectronics M50FLW040A Datasheet HTML 33Page - STMicroelectronics M50FLW040A Datasheet HTML 34Page - STMicroelectronics M50FLW040A Datasheet HTML 35Page - STMicroelectronics M50FLW040A Datasheet HTML 36Page - STMicroelectronics M50FLW040A Datasheet HTML 37Page - STMicroelectronics M50FLW040A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Status Register
M50FLW040A, M50FLW040B
34/64
5.3.4
Block Protection status (Bit SR1)
The Block Protection Status bit can be used to identify if the Program or Erase operation has
tried to modify the contents of a protected block. When the Block Protection Status bit is to
‘0’, no Program or Erase operations have been attempted to protected blocks since the last
Clear Status Register command or hardware reset. When the Block Protection Status bit is
‘1’, a Program or Erase operation has been attempted on a protected block.
Once it is set to ‘1’, the Block Protection Status bit can only be reset to ‘0’ by a Clear Status
Register command or by a hardware reset. If it is set to ‘1’, it should be reset before a new
Program or Erase command is issued, otherwise the new command will appear to have
failed, too.
Using the A/A Mux Interface, the Block Protection Status bit is always ‘0’.
5.3.5
Reserved (Bit SR0)
Bit 0 of the Status Register is reserved. Its value should be masked.
Table 14.
Status Register bits
Operation
SR7
SR6
SR5
SR4
SR3
SR2
SR1
Program active
‘0’
X(1)
1.
For Program operations during Erase Suspend Bit SR6 is ‘1’, otherwise Bit SR6 is ‘0’.
‘0’‘0’
‘0’‘0’
‘0’
Program suspended
‘1
X(1)
‘0’‘0’
‘0’‘1’
‘0’
Program completed successfully
‘1’
X(1)
‘0’‘0’
‘0’‘0’
‘0’
Program failure due to VPP Error
‘1’
X(1)
‘0’‘1’
‘1’‘0’
‘0’
Program failure due to Block Protection (FWH/LPC
Interface only)
‘1’
X(1)
‘0’‘1’
‘0’‘0’
‘1’
Program failure due to cell failure
‘1’
X(1))
‘0’
‘1’
‘0’
‘0’
‘0’
Erase active
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
Erase suspended
‘1’
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
Erase completed successfully
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
Erase failure due to VPP Error
‘1’
‘0’‘1’
‘0’‘1’
‘0’‘0’
Erase failure due to Block Protection (FWH/LPC
Interface only)
‘1’‘0’
‘1’‘0’
‘0’‘0’
‘1’
Erase failure due to failed cell(s) in block
‘1’
‘0’
‘1’
‘0’
‘0’
‘0’
‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com