Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 44 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 40Page - STMicroelectronics M50FLW040A Datasheet HTML 41Page - STMicroelectronics M50FLW040A Datasheet HTML 42Page - STMicroelectronics M50FLW040A Datasheet HTML 43Page - STMicroelectronics M50FLW040A Datasheet HTML 44Page - STMicroelectronics M50FLW040A Datasheet HTML 45Page - STMicroelectronics M50FLW040A Datasheet HTML 46Page - STMicroelectronics M50FLW040A Datasheet HTML 47Page - STMicroelectronics M50FLW040A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
DC and AC parameters
M50FLW040A, M50FLW040B
44/64
Figure 14.
FWH/LPC interface AC signal timing waveforms
CLK
FWH0-FWH3/
LAD0-LAD3
VALID
tCHQV
tCHQZ
tCHQX
tCHDX
tDVCH
VALID
OUTPUT DATA
FLOAT OUTPUT DATA
VALID INPUT DATA
AI09700
tCHFH
tFLCH
FWH4
START CYCLE
Table 26.
FWH/LPC interface AC signal timing characteristics
Symbol
PCI Symbol
Parameter
Value
Unit
tCHQV
tval
CLK to Data Out
Min
2
ns
Max
11
ns
tCHQX
(1)
ton
CLK to Active
(Float to Active Delay)
Min
2
ns
tCHQZ
toff
CLK to Inactive
(Active to Float Delay)
Max
28
ns
tAVCH
tDVCH
tsu
Input Set-up Time(2)
Min
7
ns
tCHAX
tCHDX
th
Input Hold Time(2)
Min
0
ns
tFLCH
Input Set-up time on FWH4
Min
10
ns
tCHFH
Input Hold time on FWH4
Min
5
ns
1.
The timing measurements for Active/Float transitions are defined when the current through the pin equals the leakage
current specification.
2.
Applies to all inputs except CLK and FWH4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com