Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 43 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 39Page - STMicroelectronics M50FLW040A Datasheet HTML 40Page - STMicroelectronics M50FLW040A Datasheet HTML 41Page - STMicroelectronics M50FLW040A Datasheet HTML 42Page - STMicroelectronics M50FLW040A Datasheet HTML 43Page - STMicroelectronics M50FLW040A Datasheet HTML 44Page - STMicroelectronics M50FLW040A Datasheet HTML 45Page - STMicroelectronics M50FLW040A Datasheet HTML 46Page - STMicroelectronics M50FLW040A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
M50FLW040A, M50FLW040B
DC and AC parameters
43/64
Figure 13.
FWH/LPC interface clock waveform
IPP
VPP Supply Current
(Read/Standby)
VPP > VCC
400
µA
IPP1
(3)
VPP Supply Current
(Program/Erase active)
VPP = VCC
40
mA
VPP = 12 V ± 5%
15
mA
1.
Input leakage currents include High-Z output leakage for all bidirectional buffers with three-state outputs.
2.
ID3 pin is RFU in LPC mode.
3.
Sampled only, not 100% tested.
Table 25.
FWH/LPC interface clock characteristics
Symbol
Parameter
Test Condition
Value
Unit
tCYC
CLK Cycle Time(1)
1.
Devices on the PCI Bus must work with any clock frequency between DC and 33MHz. Below 16MHz
devices may be guaranteed by design rather than tested. Refer to PCI Specification.
Min
30
ns
tHIGH
CLK High Time
Min
11
ns
tLOW
CLK Low Time
Min
11
ns
CLK Slew Rate
peak to peak
Min
1
V/ns
Max
4
V/ns
Table 24.
DC characteristics (continued)
Symbol
Parameter
Interface
Test Condition
Min
Max
Unit
AI03403
tHIGH
tLOW
0.6 VCC
tCYC
0.5 VCC
0.4 VCC
0.3 VCC
0.2 VCC
0.4 VCC, p-to-p
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com