Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW040A Datasheet(PDF) 55 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 51Page - STMicroelectronics M50FLW040A Datasheet HTML 52Page - STMicroelectronics M50FLW040A Datasheet HTML 53Page - STMicroelectronics M50FLW040A Datasheet HTML 54Page - STMicroelectronics M50FLW040A Datasheet HTML 55Page - STMicroelectronics M50FLW040A Datasheet HTML 56Page - STMicroelectronics M50FLW040A Datasheet HTML 57Page - STMicroelectronics M50FLW040A Datasheet HTML 58Page - STMicroelectronics M50FLW040A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
M50FLW040A, M50FLW040B
Block and sector address table
55/64
64
1F000h-1FFFFh
1
(Main)
431
FB90002
1E000h-1EFFFh
4
30
1D000h-1DFFFh
4
29
1C000h-1CFFFh
4
28
1B000h-1BFFFh
4
27
1A000h-1AFFFh
4
26
19000h-19FFFh
4
25
18000h-18FFFh
4
24
17000h-17FFFh
4
23
16000h-16FFFh
4
22
15000h-15FFFh
4
21
14000h-14FFFh
4
20
13000h-13FFFh
4
19
12000h-12FFFh
4
18
11000h-11FFFh
4
17
10000h-10FFFh
4
16
64
0F000h-0FFFFh
0
(Main)
415
FB80002
0E000h-0EFFFh
4
14
0D000h-0DFFFh
4
13
0C000h-0CFFFh
4
12
0B000h-0BFFFh
4
11
0A000h-0AFFFh
4
10
09000h-09FFFh
4
9
08000h-08FFFh
4
8
07000h-07FFFh
4
7
06000h-06FFFh
4
6
05000h-05FFFh
4
5
04000h-04FFFh
4
4
03000h-03FFFh
4
3
02000h-02FFFh
4
2
01000h-01FFFh
4
1
00000h-00FFFh
4
0
1.
In LPC mode, a most significant nibble, F, must be added to the memory address. For all registers, A22=0,
and the remaining address bits should be set according to the rules shown in the ADDR field of Table 6 to
Table 9.
Table 35.
M50FLW040B block and sector addresses(1) (continued)
Block Size
(KByte)
Address Range
Block No
and Type
Sector Size
(KByte)
Sector No
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com