Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6282 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6282
Description  IC FOR 6.50 - 40.00 MHz VCTCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6282 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6282 Datasheet HTML 1Page - Micro Analog systems MAS6282 Datasheet HTML 2Page - Micro Analog systems MAS6282 Datasheet HTML 3Page - Micro Analog systems MAS6282 Datasheet HTML 4Page - Micro Analog systems MAS6282 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DA6282.001
9 January 2007
2 (5)
PIN DESCRIPTION
Pin Description MAS6282A
Symbol
x-coordinate
y-coordinate
Crystal/Varactor Oscillator Input
XIN
185
1229
Power Supply Voltage
VDD
436
1229
Serial Bus Data Input
DA
1071
1229
Serial Bus Clock Input
CLK
1342
1229
Buffer Output
OUT
1612
1229
Voltage Control Input
VC
209
152
Crystal Oscillator Output
XOUT
477
152
Temperature Output
TIN
780
152
Programming Input
PV
1071
152
Test Multiplexer Output
MOUT
1335
152
Power Supply Ground
VSS
1612
152
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
Note: Test Multiplexer Output is for testing only and must not be connected in module.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD – VSS
–0.3
5.5
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
20
mW
2)
Storage Temperature
TST
–55
150
oC
ESD Rating; HBM
±2
kV
3)
Latchup Current Limit
ILUT
±100
mA
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not
operate under these conditions, but it will not be destroyed
Note 1: Not valid for programming pin PV
Note 2: Value depends on a thermal resistance of the used packade
Note 3: In pins XIN and XOUT maximum ESD rating is 1 kV.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com