Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6282 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6282
Description  IC FOR 6.50 - 40.00 MHz VCTCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6282 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6282 Datasheet HTML 1Page - Micro Analog systems MAS6282 Datasheet HTML 2Page - Micro Analog systems MAS6282 Datasheet HTML 3Page - Micro Analog systems MAS6282 Datasheet HTML 4Page - Micro Analog systems MAS6282 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DA6282.001
9 January 2007
3 (5)
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply voltage
VDD
2.6
2.8
4.0
V
Supply current
ICC
Vdd = 2.8 V, fc =26 MHz
1.3
mA
Supply current
ICC
Vdd = 2.8 V, fc =40 MHz
1.5
mA
Operating temperature
TOP
–40
+85
oC
Crystal load capacitance
CL
8
pF
1)
Crystal pulling sensitivity
S
18
30
ppm/pF
Crystal Rs
RS
20
50
Note 1: CDACF = 32 and CDACC = 8
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note
Crystal frequency range for MAS6282
fc
13.00
40.00
MHz
1)
Voltage control range
VC
0
1.3
VDD
V
Voltage control sensitivity (SENS=7)
VCSENS
10
ppm/V
2)
Frequency vs. supply voltage
dfo
±0.2
ppm
3)
Frequency vs. load change
dfo
±0.2
ppm
4)
Output voltage (10 k || 10 pF)
Vout
0.6
0.8/1.0
Vpp
5)
Power Consumption
P
8
mW
8)
Harmonic distortion
-25
dBc
Compensation range ±2.0 ppm
TC
–30
85
oC
Compensation range linear part
a1
–0.7
0.0
ppm/K
Compensation inflection point
INF
20.5
36
oC
Compensation range cubic part
a3
95
ppm2/K3
Fine compensation CDACF (6 Bit)
CXOUT
C10
C10 + 0.95
pF
6)
Coarse compensation CDACC (4 Bit)
CXOUT
C20
C20 + 6.75
pF
6)
Start-up time
TSTART
2
ms
@ 10Hz
–90
@ 100Hz
–113
@ 1kHz
–136
@ 10kHz
–148
Phase noise
@ 100kHz
n
–155
dBc/Hz
7)
Note 1: Frequency division by two is selected by PROM bit DIV: 0=no division, 1=div by 2
Thus IC output frequency range is 6.5 MHz – 40 MHz.
Note 2: Depending on crystal pulling
Note 3: VDD±5%
Note 4: R=10 k ±10%, C=10 pF±10%
Note 5: 0.8 V / 1.0 V output is selected by PROM bit AMPL: 0=0.8 Vpp, 1=1.0Vpp
Note 6: Typically C10 = 3.1 pF at CDACF=0, CDACC=0
Note 7: Not measured in production testing; guaranteed by design
Note 8: Max power consumption is 8 mW when VDD is 4V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com