Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6282 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6282
Description  IC FOR 6.50 - 40.00 MHz VCTCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6282 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6282 Datasheet HTML 1Page - Micro Analog systems MAS6282 Datasheet HTML 2Page - Micro Analog systems MAS6282 Datasheet HTML 3Page - Micro Analog systems MAS6282 Datasheet HTML 4Page - Micro Analog systems MAS6282 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DA6282.001
9 January 2007
5 (5)
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS6282A1TG00
IC for 6.5MHz to 40MHz
VCTCXO
EWS Tested wafers 215 µm
Die Size 1.840 x 1.380 mm
Contact Micro Analog Systems Oy for other wafer thickness options.
N
The formation of product code
Product name Design version
Package type
Delivery format
MAS6282
A1
TG = 215 m thick EWS tested wafer
00 = bare wafer
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
http://www.mas-oy.com
Tel. (09) 80 521
Tel. Int. +358 9 80 521
Telefax +358 9 805 3213
Email: info@mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com