Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6282 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6282
Description  IC FOR 6.50 - 40.00 MHz VCTCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6282 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6282 Datasheet HTML 1Page - Micro Analog systems MAS6282 Datasheet HTML 2Page - Micro Analog systems MAS6282 Datasheet HTML 3Page - Micro Analog systems MAS6282 Datasheet HTML 4Page - Micro Analog systems MAS6282 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DA6282.001
9 January 2007
1 (5)
MAS6282
IC FOR 6.50 – 40.00 MHz VCTCXO
• Min. Supply Voltage 2.6 V
• Max. Frequency 40 MHz
• True Sine Wave Output
• Frequency Stability ±2.0 ppm
• Suitable for Ultra Small
VCTCXO
• Very Low Phase Noise
DESCRIPTION
The MAS6282 is an integrated circuit well suited to
build
VCTCXO
for
mobile
communication.
Temperature calibration is achieved in three
calibration temperatures only. The trimming is done
through a serial bus and the calibration information
is stored in an internal PROM. This means no
rework for trimming is needed.
To build a VCTCXO only a crystal is required in
addition to MAS6282. The compensation method is
fully
analog,
working
continuously
without
generating any steps or other interference.
Output is true sine wave resulting in lower
harmonics than with clipped sine wave output.
FEATURES
APPLICATIONS
Very small size
Minimum Vdd 2.6V
No voltage reference capacitor needed
Programmable VC-sensitivity
Divider option selectable by a PROM bit
Output peak voltage (amplitude) option
selectable by a PROM bit
VCTCXO for mobile phones
VCTCXO for other applications
BLOCK DIAGRAM
OUT
FILTER
VC_SENS
V divider
TFRPROM
TEST(2:0)
INF(4:0)
LIN(7:0)
CUB(3:0)
SCALE(4:0)
SENS(2:0)
CDACF(5:0)
CDACC(3:0)
DIV(0:0)
AMPL(0:0)
PV
CLK
VDD
XOUT
XIN
VSS
DA
VC
TEST
MUX
To all blocks
POLYNOMIAL
f(T) = Ax3+Bx+C
TIN
MOUT
OUT
CDACC
CDACF
f | f/2
VREF
Thermal
sensor
XO
core
Buffer+
divider
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS6282

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6283 MAS-MAS6283 Datasheet
192Kb / 13P
IC FOR 1.5625 MHz ??40.0000 MHz VCXO
MAS6285 MAS-MAS6285 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
MAS6285AA1Q1806 MAS-MAS6285AA1Q1806 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
MAS6285AA1T0206 MAS-MAS6285AA1T0206 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
MAS6285AA1WA900 MAS-MAS6285AA1WA900 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
More results

Similar Description - MAS6282

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
logo
RF Monolithics, Inc
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
logo
Micro Analog systems
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
MAS6279D8 MAS-MAS6279D8 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com