Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6282 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6282
Description  IC FOR 6.50 - 40.00 MHz VCTCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6282 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6282 Datasheet HTML 1Page - Micro Analog systems MAS6282 Datasheet HTML 2Page - Micro Analog systems MAS6282 Datasheet HTML 3Page - Micro Analog systems MAS6282 Datasheet HTML 4Page - Micro Analog systems MAS6282 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DA6282.001
9 January 2007
4 (5)
IC OUTLINE
Note 1: MAS6282 pads are round with 80 µm diameter at opening.
Note 2: Pins CLK and DA can either be connected to VSS or left floating, pin PV can either be connected to VSS
or left floating and pin TIN must be left floating in VCTCXO module end-user application.
Note 3: Die map reference is the actual left bottom corner of the sawn chip.
Note 4: See coordinates in pin description on page 2.
SAMPLES IN SBDIL 20 PACKAGE
2
1
20
3
4
5
6
7
8
9
10
19
18
17
16
15
14
13
12
11
VC
XOUT
GND
XIN
OUT
DA
CLK
PV
Top marking:
YYWW = Year, Week
XXXXX.X = Lot number
MOUT
TIN
VDD
MOUT
MAS6282A
X = 1840 m
Die map reference
VSS
PV
XOUT
VC
XIN
VDD
DA
CLK
OUT
TIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com