Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP00 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST12LP00
Description  2.4-2.5 GHz Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP00 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST12LP00 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Specifications
2.4-2.5 GHz Power Amplifier
SST12LP00
3
©2006 SST Communications Corp.
S71283-01-000
3/06
ELECTRICAL SPECIFICATIONS
The AC and DC specifications for the power amplifier interface signals. Refer to Table 2 for the DC voltage and current spec-
ifications. Refer to Figure 3 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Supply Voltage at pins 4, 5, and 6 (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.6V
Power-down Control Voltage (PDC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
Gain Control Voltage (GCTL). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
Radio Frequency Input Power (RFIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 dBm
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Operating Range
Range
Ambient Temp
VCC
Industrial
-40°C to +85°C
3.3V
TABLE
2: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Conditions
VCC
Supply Voltage at pins 4, 5, and 6
2.7
3.3
3.6
V
ICC
Supply Current @ POUT = 23 dBm
115
mA
GCTL
Power Amplifier Gain Control Voltage
0.1
3.0
3.3
V
IGCTL
Current through GCTL pin
55
100
µA
PDC
Logic High Voltage
2.6
V
Logic Low Voltage
0.8
V
ICQ
Idle Current (GCTL = 3.0V)
10
mA
T2.3 1283
TABLE
3: AC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2402
2480
MHz
POUT
Output power
@ PIN = -7 dBm, VCC = 3.3V, GCTL = 3.0V
23
dBm
G
Small signal gain
27
dB
GVAR
Gain variation over band (2400~2485 MHz)
0.2
0.5
dB
T3.2 1283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com