Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP00 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST12LP00
Description  2.4-2.5 GHz Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP00 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST12LP00 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary Specifications
2.4-2.5 GHz Power Amplifier
SST12LP00
©2006 SST Communications Corp.
S71283-01-000
3/06
4
TYPICAL PERFORMANCE CHARACTERISTICS
FIGURE 3: S-parameters for SST12LP00
-60
-30
-25
-20
-15
-10
-5
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
-80
-70
-50
-40
-30
-20
-10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
-40
-30
-20
-10
0
10
20
30
40
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
1283 Sparm1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com