Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP00 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST12LP00
Description  2.4-2.5 GHz Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP00 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST12LP00 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary Specifications
2.4-2.5 GHz Power Amplifier
SST12LP00
13
©2006 SST Communications Corp.
S71283-01-000
3/06
FIGURE 15: 6-contact Ultra-thin Quad Flat No-lead (UQFN)
SST Package Code: QU6
TABLE
4: Revision History
Revision
Description
Date
00
•
S71283: SST conversion of data sheet GP1200
Jan 2005
01
•
Made various changes to include UQFN package
•
Updated Information in “Features:” on page 1
•
Updated “Product Description” on page 1
•
Updated Table 1 on page 2
•
Updated “Electrical Specifications” on page 3
•
Updated Table 2 on page 3
•
Updated Table 3 on page 3
•
Updated Figure 13 on page 10
•
Applied new formatting styles.
Mar 2006
Note: 1. Although many dimensions are simliar to those of JEDEC JEP95 MO-220I,
this specific package is not registered.
2. The external paddle is electrically connected to the die back-side and possibly
to certain VSS leads. This paddle can be soldered to the PC board;
it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can result in shorts and/or
electrical malfunction of the device.
3. Untoleranced dimensions are nominal target dimensions.
4. All linear dimensions are in millimeters (max/min).
See note 2
6-uqfn-3x1.6-QU6-1.0
0.5 BSC
0.475
0.075
0.15
1.60 ± 0.10
3.00 ± 0.10
0.05 Max
0.60
0.50
Pin #1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
0.4
0.25
1
0.3
1.80
1.25
0.425
0.425
0.25
0.25
See paddle
details
Exposed Paddle Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com