Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP00 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP00
Description  2.4-2.5 GHz Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP00 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP00 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2006 SST Communications Corp.
S71283-01-000
3/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
•
High Gain:
– Typically 28 dB gain across 2.4– 2.5 GHz over
temperatures 0– 85
°C
•
High linear output power:
– >24 dBm P1dB
•
High power-added efficiency/low operating cur-
rent for Bluetooth applications
– ~50% PAE or 115 mA total current consumption
@ Pout = 23 dBm for Vcc = 3.3V and GCTL =
3.0V
•
Low idle current
–~10 mA ICQ
•
Simple input/output matching
•
Packages available
– 6-contact VQFN and UQFN (3 x 1.6mm2)
APPLICATIONS:
•
Bluetooth
•
USB Dongles
•
2.4 GHz Cordless phones
PRODUCT DESCRIPTION
The SST12LP00 is a high-power and high-gain power
amplifier based on the highly reliable InGaP/GaAs
HBT technology. SST12LP00 is easily configured for
high-power and high-efficiency applications while
operating over the 2.4- 2.5 GHz frequency band. This
device typically provides 30 dB gain with better than
50% power added efficiency @ Pout = 23 dBm.
The SST12LP00’s excellent linearity is well suited for
Class 1 Bluetooth operation. The power amplifier IC
also features easy board-level usage along with high
speed power up/down control. A low reference current
makes SST12LP00 ideal for the final stage power
amplification in battery-powered Bluetooth, USB Don-
gle, or cordless phone transmitter applications.
The SST12LP00 is offered in both 6-contact VQFN
and UQFN packages. See Figure 2 for pin assign-
ments and Table 1 for pin descriptions.
2.4-2.5 GHz Power Amplifier
SST12LP00
SST12LP002.4 GHz Power Amplifier


Similar Part No. - SST12LP00

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07-QVCE SST-SST12LP07-QVCE Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07-QVCE-K SST-SST12LP07-QVCE-K Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
More results

Similar Description - SST12LP00

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
2.4~2.5 GHz High Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
2.4-2.5 GHz WLAN Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
Skyworks Solutions Inc.
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
2.4-2.5 GHz WLAN Power Amplifier
logo
Microsemi Corporation
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com