Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP00 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST12LP00
Description  2.4-2.5 GHz Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP00 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST12LP00 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Specifications
2.4-2.5 GHz Power Amplifier
SST12LP00
5
©2006 SST Communications Corp.
S71283-01-000
3/06
FIGURE 4: Power Gain versus Output Power
FIGURE 5: Output Power versus Input Power
22
23
24
25
26
27
28
29
30
31
32
9
1011
12131415
16171819
20212223
2425
Output Power (dBm)
Freq=2.402 GHz
Freq=2.442 GHz
Freq=2.480 GHz
1283 F3.1
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
Input Power (dBm)
Freq=2.402 GHz
Freq=2.442 GHz
Freq=2.480 GHz
1283 F4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com