Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST13LP02
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST13LP02 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 25Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
21
©2006 SST Communications Corp.
S71304-01-000
9/06
FIGURE 23: Typical Application Circuit
2
5
6
8
16
15
1
14
4
911
12
10
13
3
7
1304 Schematic1.1
17
18
19
20
21
22
23
24
LB Bias Circuit
HB
Bias
Circuit
R1 249
Ω
C1
10pF
Vreg_LB
Vcc_LB
RFin_LB
Vcc_HB
Vreg_HB
RFin_HB
T1 50
Ω
C2
1.8pF
L1 1.5nH
T3 50
Ω
T2 50
Ω
C3
0.5pF
C4
10pF
C5 0.1uF
T4
55-
75
Ω
C8 10pF
T12 50
Ω
T11 50
Ω
T10 50
Ω
T8 50
Ω
T9 50
Ω
T7 50
Ω
C16 1pF
C14 47pF
Det_HB
RFout_HB
RFout_LB
Det_LB
C10
1.8pF
C11
0.8pF
C15
0.3pF
C9
10pF
C12 0.1uF
L2
8.2nH
L3
8.2nH
R2 221
Ω
C13 0.1uF
C6 0.1uF
C7 0.1uF
T6
55-
75
Ω
T5
55-
75
Ω
Operating Conditions: Vreg_LB = 2.9V, Vcc_LB = 3.3 V, Vreg_HB = 2.9V, Vcc_HB = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com