Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02 Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST13LP02
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02 Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST13LP02 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
11
©2006 SST Communications Corp.
S71304-01-000
9/06
FIGURE 8: Low Band EMV Versus Output Power
FIGURE 9: Low Band 802.11b Spectrum Mask at 22 dBm with DC Current of 220 mA
0
1
2
3
4
5
6
7
8
9
10
9
1011121314
15161718192021
Output Power (dBm)
Freq=2.412 GHz @ 25 C˚
Freq=2.442 GHz @ 25 C˚
Freq=2.484 GHz @ 25 C˚
Freq=2.412 GHz @ -10 C˚
Freq=2.442 GHz @ -10 C˚
Freq=2.484 GHz @ -10 C˚
Freq=2.412 GHz @ 85 C˚
Freq=2.442 GHz @ 85 C˚
Freq=2.484 GHz @ 85 C˚
EVM versus Output Power
1304 F7.0
-70
-60
-50
-40
-30
-20
-10
0
10
2.35
2.40
2.45
2.50
2.55
Frequency (GHz)
Freq = 2.412 GHz
Freq = 2.442 GHz
Freq = 2.484 GHz
1304 F8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com