Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02 Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST13LP02
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02 Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST13LP02 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 25Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
©2006 SST Communications Corp.
S71304-01-000
9/06
22
TABLE
6: Part List
Symbol
Value
Note
C1
10pF
Larger value can be used if meeting on/off toggling speed requirement of low ban on system
board
C2
1.8pF
LB input matching
C3
0.5 pF
HB input matching, no-pop if -6dB input return loss is acceptable
C4
10pF
Larger value can be used if meeting on/off toggling speed requirement for high band on
system board
C5
0.1uF
LB bypassing
C6
0.1uF
HB bypassing
C7
0.1uF
HB bypassing
C8
10pF
LB power detector bypassing/video bandwidth control
C9
10pF
HB power detector bypassing/video bandwidth control
C10
1.8pF
LB band output matching, 1.5~2.0 pF determined by length/impedance of T7, high Q part
preferred
C11
0.8pF
HB output matching, high Q cap preferred
C12
0.1uF
LB bypassing, position close to L2
C13
0.1uF
HB bypassing, position close to L3
C14
47pF
LB output DC blocking
C15
0.3pF
HB output matching, high Q cap preferred
C16
1pF
HB output matching / DC blocking
L1
1.5nH
LB input matching, can be replaced by an 240mil 50
Ω microstrip
L2
8.2nH
LB output RF chock, coil type preferred
L3
8.2nH
HB output RF chock, coil type preferred
R1
249
Ω
Needs adjusting for different Vreg_LB
R2
221
Ω
Needs adjusting for different Vreg_HB or 4.9~5.9GHz simultaneous coverage with lower EVM
T1,T2,T9
50
Ω
Length not critical
T3
50
Ω
HB input matching, 50<length<70mil
T4
55~75
Ω
Impedance not critical, recommended length=50mil (<130mil should be fine)
T5
55~75
Ω
Impedance not critical, length=50mil
± 10mil
T6
55~75
Ω
Impedance not critical, length=50mil
± 10mil
T7
50
Ω
Recommend length =60mil with C10=1.8pF (40<length <120mil OK with C10=1.5~2.0pF)
T8
50
Ω
Critical for HB output matching, length=30mil
± 5mil
T10
50
Ω
Critical for HB output matching length=45mil
± 5mil
T11
50
Ω
Critical for output matching, length=25mil
± 5mil
T12
50
Ω
Length = 40mil±5mil
T6.1 1304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com