Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST13LP02
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST13LP02 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
15
©2006 SST Communications Corp.
S71304-01-000
9/06
Typical Performance characteristics for 802.11A
Test Conditions: VCC = 3.3V, 54 Mbps 802.11a OFDM Signal
FIGURE 13: High Band Output Power Versus Input Power
FIGURE 14: High Band Power Gain versus Output Power
9
10
11
12
13
14
15
16
17
18
19
20
21
22
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Input Power (dBm)
Freq=4.92 GHz @ 25 C˚
Freq=5.18 GHz @ 25 C˚
Freq=5.32 GHz @ 25 C˚
Freq=5.805 GHz @ 25 C˚
Freq=4.92 GHz @ -10 C˚
Freq=5.18 GHz @ -10 C˚
Freq=5.32 GHz @ -10 C˚
Freq=5.805 GHz @ -10 C˚
Freq=4.92 GHz @ 85 C˚
Freq=5.18 GHz @ 85 C˚
Freq=5.32 GHz @ 85 C˚
Freq=5.805 GHz @ 85 C˚
Output Power versus Input Power
1304 F12.0
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
9
1011
1213
1415
1617
1819
2021
22
Output Power (dBm)
Freq=4.92 GHz @ 25 C˚
Freq=5.18 GHz @ 25 C˚
Freq=5.32 GHz @ 25 C˚
Freq=5.805 GHz @ 25 C˚
Freq=4.92 GHz @ -10 C˚
Freq=5.18 GHz @ -10 C˚
Freq=5.32 GHz @ -10 C˚
Freq=5.805 GHz @ -10 C˚
Freq=4.92 GHz @ 85 C˚
Freq=5.18 GHz @ 85 C˚
Freq=5.32 GHz @ 85 C˚
Freq=5.805 GHz @ 85 C˚
Power Gain versus Output Power
1304 F13.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com