Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST13LP02
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST13LP02 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP02 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
©2006 SST Communications Corp.
S71304-01-000
9/06
4
Pin DescriptionS
TABLE
1: Pin Description
Symbol
Pin No.
Pin Name
Type
Function
GND
0
Ground
Ground Pad
NC
1
No Connection
Unconnected Pin
RFin_LB
2
I
RF Input for Low Band, DC decoupled
GND
3
Ground
Ground Pin
GND
4
Ground
Ground Pin
RFin_HB
5
I
RF Input for High Band, DC decoupled
VREF_HB
6
Power Supply
PWR
Idle Current Control for High Band
Vcc1_HB
7
Power Supply
PWR
Vcc Power Supply for High Band
NC
8
No Connection
Unconnected Pin
Vcc2_HB
9
Power Supply
PWR
Vcc Power Supply for High Band
NC
10
No Connection
Unconnected Pin
NC
11
No Connection
Unconnected Pin
Det_HB
12
O
Detector Voltage Output for High Band
RFout_HB
13
Power Supply
O/PWR RF Output/Vcc power supply for High Band
RFout_HB
14
Power Supply
O/PWR RF Output/Vcc power supply for High Band
RFout_HB
15
Power Supply
O/PWR RF Output/Vcc power supply for High Band
GND
16
Ground
Ground Pin
GND
17
Ground
Ground Pin
RFout_LB
18
Power Supply
O/PWR RF Output/Vcc power supply for Low Band
NC
19
No Connection
Unconnected Pin
NC
20
No Connection
Unconnected Pin
Det_LB
21
O
Detector Voltage Output for Low Band
NC
22
No Connection
Unconnected Pin
VREF_LB
23
Power Supply
PWR
Idle Current Control for Low Band
Vcc1_LB
24
Power Supply
PWR
Vcc Power Supply for Low Band
T1.2 1304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com