Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA604AP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA604AP
Description  FET-Input, Low Distortion OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA604AP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA604AP Datasheet HTML 2Page - Texas Instruments OPA604AP Datasheet HTML 3Page - Texas Instruments OPA604AP Datasheet HTML 4Page - Texas Instruments OPA604AP Datasheet HTML 5Page - Texas Instruments OPA604AP Datasheet HTML 6Page - Texas Instruments OPA604AP Datasheet HTML 7Page - Texas Instruments OPA604AP Datasheet HTML 8Page - Texas Instruments OPA604AP Datasheet HTML 9Page - Texas Instruments OPA604AP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA604
6
SBOS019A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
T
A = +25°C, VS = ±15V, unless otherwise noted.
0
SETTLING TIME vs CLOSED-LOOP GAIN
Closed-Loop Gain (V/V)
–1
5
4
3
2
1
0
–10
–100
–1000
0.01%
0.1%
V
O = 10V Step
R
L = 1kΩ
C
L = 50pF
MAXIMUM OUTPUT VOLTAGE SWING vs FREQUENCY
Frequency (Hz)
10k
30
20
10
0
100k
1M
10M
V = ±15V
S
SUPPLY CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
−75
7
6
5
4
3
−50
−25
0
25
50
75
100
125
V
S = ±24V
V
S = ±15V
V
S = ±5V
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Ambient Temperature (°C)
–75
60
50
40
30
20
–50
–25
0
25
50
75
100
125
I
SC+ and ISC–
–100
+100
2
1
SMALL-SIGNAL TRANSIENT RESPONSE
0
–10
+10
10
5
LARGE-SIGNAL TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com